Part Number Hot Search : 
7F0S20E FSS130D1 YA868C15 2SD14 A7601 75N10 20LM3 AN124
Product Description
Full Text Search
 

To Download LRC10-470K-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
LRC10
0.1260.012 (3.200.30)
Low Resistance Chip Inductors
Dimensions:
0.0710.008 (1.800.20) 0.1260.012 (3.200.30) 0.059 (1.50)
Inches (mm)
0.0630.008 (1.600.20) 0.0900.008 (2.290.20) 0.0630.008 (1.600.20)
0.039 (0.99)
0.069 (1.75)
Features * Miniature SMT wire-wound open magnetic path construction inductors with low DCR, high current capacity and high impedance characteristics. * Excellent solder heat resistance for flow and reflow soldering methods. * Excellent for use as choke coils in DC/DC converter and DC power supply circuits.
Allied Part Number LRC10-R12M-RC
Inductance (h)
Tolerance (%)
Test Freq. (MHz) 1
SRF Min. (MHz) 250
DCR Max. () .12
Rated Current (mA) 970
.12
20
LRC10-R22M-RC
.22
20
1
250
.15
850
LRC10-R47M-RC
.47
20
1
180
.22
700
LRC10-1R0M-RC
1.0
20
1
100
.38
510
Electrical Inductance Range: .12h to 100h. Tolerance: For 20% use M, 10% use K and 5% use J as part number suffix. Test Frequency: Inductance measured at 1MHz on HP4192A. Operating Temp. Range: i-25 to +85C.ll Rated Current: Based on Temperature rise not to exceed 35C. Inductance Drop 10% typical. Resistance to Soldering Heat: Pre heat: 150C 10C / 1-2 min. Solder temp: 260C 5C for 10 sec. 1 sec. Physical Packaging: 2000 pieces per 7 inch reel. 7500 pieces per 13 inch reel.
Available in tighter tolerances. All specifications subject to change without notice.
LRC10-101K-RC 100 10 1 7 16.0 80 LRC10-470K-RC 47 10 1 10 10.5 100 LRC10-220K-RC 22 10 1 14 4.0 160 LRC10-100K-RC 10 10 1 20 1.8 230 LRC10-4R7M-RC 4.7 20 1 31 .85 340 LRC10-2R2M-RC 2.2 20 1 50 .55 430
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
Revised 03-25-08
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of LRC10-470K-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X